PART |
Description |
Maker |
MC74HC4051 MC74HC4051D MC74HC4051DT MC74HC4051DW M |
ANALOG MULTIPLEXERS DEMULTIPLEXERS From old datasheet system Analog Multiplexers/ Demultiplexers High-Performance Silicon-Gate CMOS (MC54HC4051 / MC54HC4053) Analog Multiplexers/Demultiplexers
|
Motorola, Inc ON Semiconductor
|
ADG725 ADG725BCP ADG725BSU ADG731BCP ADG731BSU ADG |
16-/32- Channel, Serially Controlled 4 1.8 V to 5.5 V, .5 V, Analog Multiplexers 16-/32- Channel, Serially Controlled 4 ?1.8 V to 5.5 V, ±2.5 V, Analog Multiplexers 16-/32- Channel, Serially Controlled 4 1.8 V to 5.5 V, 2.5 V, Analog Multiplexers 16-/32- Channel, Serially Controlled 4 з 1.8 V to 5.5 V, 【2.5 V, Analog Multiplexers 16-/32- Channel/ Serially Controlled 4 1.8 V to 5.5 V/ 2.5 V/ Analog Multiplexers Tantalum Conformal-Coated Capacitor; Capacitance: 150uF; Voltage: 4V; Packaging: Tape & Reel 16-/32- Channel, Serially Controlled 4 з 1.8 V to 5.5 V, .5 V, Analog Multiplexers Tantalum Conformal-Coated Capacitor; Capacitance: 220uF; Voltage: 4V; Packaging: Tape & Reel
|
AD[Analog Devices] Analog Devices, Inc.
|
MAX306-MAX307 MAX307 MAX307CPI MAX307CWI MAX307EPI |
Precision, 16-Channel/Dual 8-Channel, High-Performance, CMOS Analog Multiplexers Precision 16-Channel/Dual 8-Channel High-Performance CMOS Analog Multiplexers Circular Connector; Body Material:Aluminum; Series:PT06; Number of Contacts:19; Connector Shell Size:14; Connecting Termination:Crimp; Circular Shell Style:Straight Plug; Circular Contact Gender:Pin; Insert Arrangement:14-19 Precision / 16-Channel/Dual 8-Channel / High-Performance / CMOS Analog Multiplexers Precision.16-Channel/Dual 8-Channel.High-Performance.CMOS Analog Multiplexers 高精度6通道/通道、高性能、CMOS模拟多路复用
|
MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products] Maxim Integrated Products, Inc.
|
ADG658YRQ-REEL ADG659YCPZ-REEL71 ADG659YRQ-REEL7 A |
3V/5V ± 5V CMOS 4/8 Channel Analog Multiplexers 3 V/ 5 V/【5 V CMOS 4- AND 8-CHANNEL ANALOG MULTIPLEXERS 3 V/ 5 V/隆戮5 V CMOS 4- and 8-Channel Analog Multiplexers 3 V/ 5 V/±5 V CMOS 4- and 8-Channel Analog Multiplexers
|
AD[Analog Devices]
|
MAX336-MAX337 MAX337 MAX337CAI MAX337CPI MAX337CWI |
16-Channel Dual 8 Channel, Low Leakage, CMOS Analog Multiplexers 16-Channel/Dual 8-Channel, Low-Leakage, CMOS Analog Multiplexers 16-Channel/Dual 8-Channel Low-Leakage CMOS Analog Multiplexers 16-Channel/Dual 8-Channel / Low-Leakage / CMOS Analog Multiplexers Quad LVDS Transmitter 16-SOIC -40 to 85
|
MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products] Maxim Integrated Products, Inc.
|
CD4053BMS CD4052BMS CD4051BMS FN3316 CD4051 CD4052 |
CMOS Analog Differential 4-Channel Multiplexers/Demultiplexers(CMOS 宸??4???妯℃?澶?矾杞???? 4-CHANNEL, DIFFERENTIAL MULTIPLEXER, UUC16 Quad Channel, 2/2, 1Mbps, Digital Isolator 16-SOIC -40 to 125 From old datasheet system CMOS Analog Multiplexers/Demultiplexers* Analog Multiplexer/Demultiplexer, Triple, 2-Channel, Rad-Hard, CMOS, Logic Analog Multiplexer/Demultiplexer, Dual, 4-Channel, Rad-Hard, CMOS, Logic
|
INTERSIL[Intersil Corporation]
|
MAX4784 MAX4780ETE MAX4780 MAX4784EUE MAX4780EUE M |
0.7 M LOW-VOLTAGE, QUAD 2:1 ANALOG MULTIPLEXERS 0.7-Ohm , Low-Voltage, Quad 2:1 Analog Multiplexers
|
MAXIM[Maxim Integrated Products]
|
HS-0548RH HS-0549RH 5962D9569401VEC HS1B-0549RH-Q |
Radiation Hardened Single 8/Differential 4 Channel CMOS Analog Multiplexers with Active Overvoltage Protection Radiation Hardened Single 8/Differential 4 Channel CMOS Analog Multiplexers with Active Overvoltage Protection 8-CHANNEL, SGL ENDED MULTIPLEXER, CDIP16 Radiation Hardened Single 8/Differential 4 Channel CMOS Analog Multiplexers with Active Overvoltage Protection 4-CHANNEL, DIFFERENTIAL MULTIPLEXER, CDIP16 SMD CAP CER 100PF 50V 5% NPO (0805)
|
Intersil, Corp. Intersil Corporation
|
HD14052B HD14053B |
Analog Multiplexers/Demultiplexers
|
Hitachi Semiconductor
|
MC74HC4051A MC74HC4053A MC74HC4053ADTR2G |
Analog Multiplexers Demultiplexers
|
ON Semiconductor
|
MC54HC4053AJ MC74HC4051AD MC74HC4051ADT MC74HC4051 |
Analog Multiplexers/Demultiplexers
|
Motorola
|